Part Number Hot Search : 
2SK192 910511 ACT8310 L6205D KL07ES SL1505 LM324A HV9112X
Product Description
Full Text Search
 

To Download IDT7034L15PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
Features:
x x
IDT7034S/L
x
x
x
True Dual-Ported memory cells which allow simultaneous reads of the same memory location High-speed access Commercial: 15/20ns (max.) Low-power operation IDT7034S Active: 850mW (typ.) Standby: 5mW (typ.) IDT7034L Active: 850mW (typ.) Standby: 1mW (typ.) Separate upper-byte and lower-byte control for multiplexed bus compatibility IDT7034 easily expands data bus width to 36 bits or more
x
x x x
x x x x x
using the Master/Slave select when cascading more than one device M/S = H for BUSY output flag on Master M/S = L for BUSY input on Slave Interrupt Flag On-chip port arbitration logic Full on-chip hardware support of semaphore signaling between ports Fully asynchronous operation from either port Battery backup operation2V data retention TTL-compatible, single 5V (10%) power supply Available in 100-pin Thin Quad Flatpack Industrial temperature range (40C to +85C) is available for selected speeds
Functional Block Diagram
R/WL
UBL
R/WR
UBR
LBL CEL OEL
LBR CER OER
I/O9L-I/O17L I/O0L-I/O8L
BUSYL
(1,2)
I/O Control
I/O Control
I/O9R-I/O17R I/O0R-I/O8R
BUSYR
(1,2)
.
A11L A0L
Address Decoder
13
MEMORY ARRAY
13
Address Decoder
A11R A0R
CEL OEL
R/WL
SEML (2) INTL
ARBITRATION INTERRUPT SEMAPHORE LOGIC
CER OER
R/WR
SEMR (2) INTR
4089 drw 01
M/S
NOTES: 1. (MASTER): BUSY is output; (SLAVE): BUSY is input. 2. BUSY outputs and INT outputs are non-tri-stated push-pull.
SEPTEMBER 1999
1
(c)1999 Integrated Device Technology, Inc. DSC 4089/6
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Description:
The IDT7034 is a high-speed 4K x 18 Dual-Port Static RAM. The IDT7034 is designed to be used as a stand-alone 72K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 36-bit or more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 36-bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic. This device provides two independent ports with separate control, address, and I/O pins that permit independent, asynchronous access
for reads or writes to any location in memory. An automatic power down feature controlled by Chip Enable (CE) permits the on-chip circuitry of each port to enter a very low standby power mode. The IDT7034 utilizes a 18-bit wide data path to allow for parity at the user's option. This feature is especially useful in data communication applications. Fabricated using IDTs CMOS high-performance technology, these devices typically operate on only 850mW of power. Low-power (L) versions offer battery backup data retention capability with typical power consumption of 500W from a 2V battery.
Pin Configurations(1,2,3)
Index
N/C N/C I/O8L I/O17L I/O11L I/O12L I/O13L I/O14L GND I/O15L I/O16L VCC GND I/O0R I/O1R I/O2R VCC I/O3R I/O4R I/O5R I/O6R I/O8R I/O17R N/C N/C
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 1 75 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 74 73 72 71 70 69 68 67
I/O10L I/O9L I/O7L I/O6L I/O5L I/O4L I/O3L I/O2L GND I/O1L I/O0L OEL VCC R/WL SEML CEL UBL LBL N/C A11L A10L A9L A8L A7L A6L
IDT7034PF PN100-1(4) 100-PIN TQFP TOP VIEW(5)
66 65 64 63 62 61 60 59 58 57 56 55 54 53
52 51 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
N/C N/C N/C N/C A5L A4L A3L A2L A1L A0L INTL BUSYL GND M/S BUSYR INTR A0R A1R A2R A3R A4R N/C N/C N/C N/C
.
I/O7R I/O9R I/O10R I/O11R I/O12R I/O13R I/O14R I/O15R GND I/O16R OER R/WR GND SEMR CER UBR LBR N/C A11R A10R A9R A8R A7R A6R A5R
NOTES: 1. All VCC pins must be connected to power supply 2. All GND pins must be connected to ground supply. 3. Package body is approximately 14mm x 14mm x 1.4mm. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking.
4089drw 02
2
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Names
Left Port CEL R/WL OEL A0L - A11L I/O0L - I/O17L SEML UBL LBL INTL BUSYL CER R/WR OER A0R - A11R I/O0R - I/O17R SEMR UBR LBR INTR BUSYR M/S VCC GND Right Port Names Chip Enable Read/Write Enable Output Enable Address Data Input/Output Semaphore Enable Upper Byte Select Lower Byte Select Interrupt Flag Busy Flag Master or Slave Select Power Ground
4089 tbl 01
Truth Table I: Non-Contention Read/Write Control
Inputs(1) CE H X L L L L L L X
NOTE:
Outputs UB X H L H L L H L X LB X H H L L H L L X SEM H H H H H H H H X I/O9-17 High-Z High-Z DATAIN High-Z DATAIN DATAOUT High-Z DATAOUT High-Z I/O0-8 High-Z High-Z High-Z DATAIN DATAIN High-Z DATAOUT DATAOUT High-Z Mode Deselected: Power-Down Both Bytes Deselected Write to Upper Byte Only Write to Lower Byte Only Write to Both Bytes Read Upper Byte Only Read Lower Byte Only Read Both Bytes Outputs Disabled
4089 tbl 02
R/W X X L L L H H H X
OE X X X X X L L L H
1. A0L A11L A0R A11R
3 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Truth Table II: Semaphore Read/Write Control(1)
Inputs CE H X H X L L R/W H H OE L L X X X X UB X H X H L X LB X H X H X L SEM L L L L L L I/O9-17 DATAOUT DATAOUT DATAIN DATAIN
____ ____
Outputs I/O0-8 DATAOUT DATAOUT DATAIN DATAIN
____ ____
Mode Read Data in Semaphore Flag Read Data in Semaphore Flag Write I/O0 into Semaphore Flag Write I/O0 into Semaphore Flag Not Allowed Not Allowed
4089 tbl 03

X X
NOTE: 1. There are eight semaphore flags written to via I/O0 and read from I/O0 - I/O17. These eight semaphores are addressed by A0 - A2.
Absolute Maximum Ratings(1)
Symbol VTERM(2) Rating Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature DC Output Current Commercial & Industrial -0.5 to +7.0 Unit
Maximum Operating Temperature and Supply Voltage(1,2)
Grade Commercial Industrial Ambient Temperature 0OC to +70OC -40OC to +85OC GND 0V 0V Vcc 5.0V + 10% 5.0V + 10%
4089 tbl 05
V
TBIAS TSTG IOUT
-55 to +125 -55 to +125 50
o
C C
o
mA
4089 tbl 04
NOTES: 1. This is the parameter TA. 2. Industrial temperature: for specific speeds, packages and powers contact your sales office.
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns maximum, and is limited to < 20 mA for the period over VTERM > Vcc + 10%.
Recommended DC Operating Conditions
Symbol VCC GND VIH VIL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Min. 4.5 0 2.2 -0.5
(1)
Typ. 5.0 0
____
Max. 5.5 0 6.0(2) 0.8
Unit V V V V
4089 tbl 06
Capacitance (TA = +25C, f = 1.0MHz)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions(2) VIN = 3dV VOUT = 3dV Max. 9 10
(1)
____
Unit pF pF
4089 tbl 07
NOTES: 1. VIL > -1.5V for pulse width less than 10ns. 2. VTERM must not exceed Vcc + 10%.
NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. 3dV references the interpolated capacitance when the input and output signals switch from 0V to 3V or from 3V to 0V.
4
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VCC = 5.0V 10%)
7034S Symbol |ILI| |ILO| VOL VOH Parameter Input Leakage Current(1) Output Leakage Current Output Low Voltage Output High Voltage Test Conditions VCC = 5.5V, VIN = 0V to VCC CE = VIH, VOUT = 0V to VCC IOL = 4mA IOH = -4mA Min.
___ ___ ___
7034L Max. 10 10 0.4
___
Min.
___ ___ ___
Max. 5 5 0.4
___
Unit A A V V
4089 tbl 08
2.4
2.4
NOTE: 1. At VCC < 2.0V input leakages are undefined.
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,6) (VCC = 5.0V 10%)
7034X15 Com'l Only Symbol ICC Parameter Dynamic Operating Current (Both Ports Active) Test Condition CE = VIL, Outputs Open SEM = VIH f = fMAX(3) Version COM'L IND COM'L IND COM'L IND COM'L IND COM'L IND S L S L S L S L S L S L S L S L S L S L Typ.(2) 170 170 170 170 20 20 20 20 105 105 105 105 1.0 0.2 1.0 0.2 100 100 100 100 Max. 310 260 390 330 60 50 90 70 190 160 250 220 15 5 30 10 170 140 245 210 7034X20 Com'l Only Typ. (2) 160 160 160 160 20 20 20 20 95 95 95 95 1.0 0.2 1.0 0.2 90 90 90 90 Max. 290 240 370 320 60 50 90 70 180 150 240 210 15 5 30 10 155 130 225 200
4089 tbl 09
Unit mA
ISB1
Standby Current (Both Ports - TTL Level Inputs)
CEL = CER = VIH SEMR = SEML = VIH f = fMAX(3)
mA
ISB2
Standby Current CE"A" = VIL and CE"B" = VIH(5) (One Port - TTL Level Inputs) Active Port Outputs Open, f=fMAX(3) SEMR = SEML = VIH Full Standby Current (Both Ports - All CMOS Level Inputs) Both Ports CEL and CER > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) SEMR = SEML > VCC - 0.2V CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) SEMR = SEML > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Open f = fMAX(3)
mA
ISB3
mA
ISB4
Full Standby Current (One Port - All CMOS Level Inputs)
mA
NOTES: 1. 'X' in part numbers indicates power rating (S or L) 2. VCC = 5V, TA = +25C, and are not production tested. Icc dc = 120mA (TYP) 3. At f = fMAX, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using AC Test Conditions of input levels of GND to 3V. 4. f = 0 means no address or control lines change. 5. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 6. Industrial temperature: for specific speeds, packages and powers contact your sales office.
5 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Data Retention Characteristics Over All Temperature Ranges (L Version Only) (VCC = 0.2V, VHC = VCC - 0.2V)(4)
Symbol VDR ICCDR Parameter VCC for Data Retention Data Retention Current VCC = 2V CE > VHC VIN > VHC or < VLC tCDR tR(3)
(3)
Test Condition
Min. 2.0 IND. COM'L.
___
Typ. (1)
___
Max.
___
Unit V A
100 100
___
4000 1500
___
___
Chip Deselect to Data Retention Time Operation Recovery Time
SEM > VHC
0 tRC(2)
ns ns
4089 tbl 10
___
___
NOTES: 1. TA = +25C, VCC = 2V, not production tested. 2. tRC = Read Cycle Time 3. This parameter is guaranteed by characterization, but is not production tested. 4. At Vcc < 2.0V input leakages are undefined.
Data Retention Waveform
DATA RETENTION MODE VCC 4.5V tCDR CE VIH VDR VDR > 2V 4.5V tR VIH
4089 drw 03
AC Test Conditions
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 5ns Max. 1.5V 1.5V Figures 1 and 2
4089 tbl 11
5V 893 DATAOUT
BUSY INT
5V 893 DATAOUT
347
30pF
347
5pF*
4089 drw 04
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW) *including scope and jig.
6
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(4,5)
7034X15 Com'l Only Symbol READ CYCLE tRC tAA tACE tABE tAOE tOH tLZ tHZ tPU tPD tSOP tSAA Read Cycle Time Address Access Time Chip Enable Access Time (3) Byte Enable Access Time (3) Output Enable Access Time Output Hold from Address Change Output Low-Z Time (1,2) Output High-Z Time (1,2) Chip Enable to Power Up Time (2) Chip Disable to Power Down Time (2) Semaphore Flag Update Pulse (OE or SEM) Semaphore Address Access Time 15
____ ____ ____
7034X20 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
20
____ ____
____
ns ns ns ns ns ns ns ns ns ns ns ns
4089 tbl 12
15 15 15 10
____ ____
20 20 20 12
____ ____
____ ____
____ ____
3 3
____
3 3
____
10
____
12
____
0
____
0
____
15
____
20
____
10
____
10
____
15
20
NOTES: 1. Transition is measured 500mV from Low or High-impedance voltage with Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested. 3. To access RAM, CE = VIL, UB or LB = VIL, and SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL. 4. 'X' in part numbers indicates power rating (S or L). 5. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Waveform of Read Cycles(5)
tRC ADDR tAA (4) tACE tAOE OE tABE UB, LB
(4) (4) (4)
CE
R/W tLZ DATAOUT
(1)
tOH VALID DATA
(4) (2)
tHZ BUSYOUT tBDD (3,4)
4089 drw 05
NOTES: 1. Timing depends on which signal is asserted last, OE, CE, LB, or UB. 2. Timing depends on which signal is de-asserted first, CE, OE, LB, or UB. 3. tBDD delay is required only in case where opposite port is completing a write operation to the same address location for simultaneous read operations BUSY has no relation to valid output data. 4. Start of valid data depends on which timing becomes effective last tABE, tAOE, tACE, tAA or tBDD. 5. SEM = VIH.
7 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing of Power-up Power-down
CE tPU ICC 50% ISB
4089 drw 06
tPD 50%
,
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage(5,6)
7034X15 Com'l Only Symbol WRITE CYCLE tWC tEW tAW tAS tWP tWR tDW tHZ tDH tWZ tOW tSWRD tSPS Write Cycle Time Chip Enable to End-of-Write (3) Address Valid to End-of-Write Address Set-up Time (3) Write Pulse Width Write Recovery Time Data Valid to End-of-Write Output High-Z Time (1,2) Data Hold Time (4) Write Enable to Output in High-Z(1,2) Output Active from End-of-Write (1,2,4) SEM Flag Write to Read Time SEM Flag Contention Window 15 12 12 0 12 0 10
____ ____ ____ ____ ____ ____ ____ ____
7034X20 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
20 15 15 0 15 0 15
____
____ ____ ____ ____ ____ ____ ____
ns ns ns ns ns ns ns ns ns ns ns ns ns
4089 tbl 13
10
____
12
____
0
____
0
____
10
____ ____ ____
12
____ ____ ____
0 5 5
0 5 5
NOTES: 1. Transition is measured 500mV from Low or High-impedance voltage with the Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested. 3. To access RAM, CE = VIL, UB or LB = VIL, SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL. Either condition must be valid for the entire tEW time. 4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and temperature, the actual tDH will always be smaller than the actual tOW. 5. 'X' in part numbers indicates power rating (S or L). 6. Industrial temperature: for specific speeds, packages and powers contact your sales office.
8
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Write Cycle No. 1, R/W Controlled Timing(1,5,8)
tWC ADDRESS tHZ OE tAW CE or SEM
(9) (7)
UB or LB
(9) (3)
tAS (6) R/W tWZ (7) DATAOUT
(4)
tWP (2)
tWR
tOW
(4)
tDW DATAIN
tDH
4089 drw 07
Timing Waveform of Write Cycle No. 2, CE, UB, LB Controlled Timing(1,5)
tWC ADDRESS tAW CE or SEM
(9)
tAS(6) UB or LB
(9)
tEW (2)
tWR (3)
R/W tDW DATAIN
4089 drw 08
tDH
NOTES: 1. R/W or CE or UB & LB must be HIGH during all address transitions. 2. A write occurs during the overlap (tEW or tWP) of a LOW UB or LB and a LOW CE and a LOW R/W for memory array writing cycle. 3. tWR is measured from the earlier of CE or R/W (or SEM or R/W) going HIGH to the end-of-write cycle. 4. During this period, the I/O pins are in the output state and input signals must not be applied. 5. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high-impedance state. 6. Timing depends on which enable signal is asserted last, CE, R/W, or byte control. 7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured 500mV from steady state with Output Test Load (Figure 2). 8. If OE is LOW during R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off and data to be placed on the bus for the required tDW. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP. 9. To access RAM, CE = VIL, UB or LB = VIL, and SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL. tEW must be met for either condition.
9 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveforme of Semaphore Read After Write Timing, Either Side(1)
tSAA A0 - A2 VALID ADDRESS tAW SEM tEW tDW DATA0 tAS R/W tSWRD OE
Write Cycle
tOH
VALID ADDRESS tWR tACE
tSOP DATA OUT VALID(2)
DATAIN VALID tWP tDH
tAOE tSOP
Read Cycle
4089 drw 09
NOTE: 1. CE = VIH or UB & LB = VIH for the duration of the above timing (both write and read cycle). 2. "DATAOUT VALID' represents all I/Os (I/O0-I/O17) equal to the semaphore value.
Timing Waveform of Semaphore Write Contention(1,3,4)
A0"A"-A2"A" MATCH
SIDE
(2)
"A"
R/W"A"
SEM"A" tSPS A0"B"-A2"B" MATCH
SIDE
(2)
"B"
R/W"B"
SEM"B"
NOTES: 1. DOR = DOL = VIL, CER = CEL = VIH, or both UB & LB = VIH. 2. All timing is the same for left and right port. Port A may be either left or right port. Port B is the opposite from port A. 3. This parameter is measured from R/W"A" or SEM"A" going HIGH to R/W"B" or SEM"B" going HIGH. 4. If tSPS is not satisfied, there is no guarantee which side will obtain the semaphore flag.
4089 drw 10
10
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(6,7)
7034X15 Com'l Only Symbol BUSY TIMING (M/S=VIH) tBAA tBDA tBAC tBDC tAPS tBDD tWH BUSY Access Time from Address Match BUSY Disable Time from Address Not Matched BUSY Acce ss Time from Chip Enable Low BUSY Acce ss Time from Chip Enable High Arbitration Priority Set-up Time BUSY Disable to Valid Data(3) Write Hold After BUSY(5)
(2)
____ ____ ____ ____
7034X20 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
15 15 15 15
____
____ ____ ____ ____
20 20 20 17
____
ns ns ns ns ns ns ns
5
____
5
____
18
____
30
____
12
15
BUSY TIMING (M/S=VIL) tWB tWH BUSY Input to Write (4) Write Hold After BUSY(5) 0 12
____
0 15
____
ns ns
____
____
PORT-TO-PORT DELAY TIMING tWDD tDDD Write Pulse to Data Delay(1) Write Data Valid to Read Data Delay (1)
____
30 25
____
45 30
ns ns
4089 tbl 14
____
____
NOTES: 1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Read With BUSY (M/S = VIH)" or "Timing Waveform of Write With Port-To-Port Delay (M/S = VIH)". 2. To ensure that the earlier of the two ports wins. 3. tBDD is a calculated parameter and is the greater of 0ns, tWDD tWP (actual) or tDDD tDW (actual). 4. To ensure that the write cycle is inhibited on Port "B" during contention with Port "A". 5. To ensure that a write cycle is completed on Port "B" after contention with Port "A". 6. 'X' in part numbers indicates power rating (S or L). 7. Industrial temperature: for specific speeds, packages and powers contact your sales office.
11 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Timing Waveform of Write Port-to-Port Read and BUSY(2,5) (M/S = VIH)(4)
tWC ADDR"A" MATCH tWP R/W"A" tDW DATAIN "A" tAPS ADDR"B" tBAA BUSY"B" tWDD DATAOUT "B" tDDD
NOTES: 1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/S = VIL (slave). 2. CEL = CER = VIL. 3. OE = VIL for the reading port. 4. If M/S = VIL (SLAVE) then BUSY is an input. BUSY"A" = VIL and BUSY"B" = 'don't care' 5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the opposite Port from Port "A".
(3) 4089 drw 11 (1)
tDH VALID
MATCH tBDA tBDD
VALID
Timing Waveform of Write with BUSY
tWP R/W"A" tWB(3) tWH R/W"B"
(2)
4089 drw 12
BUSY"B"
(1)
.
NOTES: 1. tWH must be met for both BUSY input (slave) output master. 2. BUSY is asserted on port "B" Blocking R/W"B", until BUSY"B" goes HIGH. 3. tWB is only for the 'Slave' Version.
12
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Waveform of BUSY Arbitration Controlled by CE Timing(1) (M/S = VIH)
ADDR"A" and "B" CE"A" tAPS (2) CE"B" tBAC BUSY"B"
4089 drw 13
ADDRESSES MATCH
tBDC
Waveform of BUSY Arbitration Cycle Controlled by Address Match Timing(1)(M/S = VIH)
ADDR"A" tAPS ADDR"B" tBAA BUSY"B"
4089 drw 14 (2)
ADDRESS "N"
MATCHING ADDRESS "N" tBDA
NOTES: 1. All timing is the same for left and right ports. Port A may be either the left or right port. Port B is the port opposite from A. 2. If tAPS is not satisfied, the BUSY signal will be asserted on one side or another but there is no guarantee on which side BUSY will be asserted.
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,2)
7034X15 Com'l Only Symbol INTERRUPT TIMING tAS tWR tINS tINR Address Set-up Time Write Recovery Time Interrupt Set Time Interrupt Reset Time 0 0
____ ____ ____ ____
7034X20 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
0 0
____ ____
____ ____
ns ns ns ns
4089 tbl 15
15 15
20 20
NOTES: 1. 'X' in part numbers indicates power rating (S or L). 2. Industrial temperature: for specific speeds, packages and powers contact your sales office.
13 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Waveform of Interrupt Timing
ADDR"A" tAS CE"A"
(3)
(1)
tWC INTERRUPT SET ADDRESS
(2) (4)
tWR
R/W"A" tINS (3) INT"B"
4089 drw 15
tRC ADDR"B" tAS (3) CE"B" INTERRUPT CLEAR ADDRESS
(2)
OE"B" tINR (3) INT"B"
4089 drw 16
NOTES: 1. All timing is the same for left and right ports. Port A may be either the left or right port. Port B is the port opposite from A. 2. See Interrupt Flag Truth Table III. 3. Timing depends on which enable signal (CE or R/W) is asserted last. 4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
Truth Table III Interrupt Flag(1)
Left Port R/WL L X X X CEL L X X L OEL X X X L A0L-A11L FFF X X FFE INTL X X L
!
Right Port R/WR X X L X CER X L L X OER X L X X A0R-A11R X FFF FFE X INT4 L H
!
Function Set Right INTR Flag Reset Right INTR Flag Set Left INTL Flag Reset Left INTL Flag
4089 tbl 16
X X
H
NOTES: 1. Assumes BUSYL = BUSYR = VIH. 2. If BUSYL = VIL, then no change. 3. If BUSYR = VIL, then no change. 4. INTR and INTL must be initialized at power-up.
14
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Truth Table IV Address BUSY Arbitration
Inputs CEL X H X L CER X X H L AOL-A11L AOR-A11R NO MATCH MATCH MATCH MATCH Outputs BUSYL(1) H H H (2) BUSYR(1) H H H (2) Function Normal Normal Normal Write Inhibit(3)
4089 tbl 17
NOTES: 1. Pins BUSYL and BUSYR are both outputs when the part is configured as a master. BUSY are inputs when configured as a slave. BUSYx outputs on the IDT7034 are push pull, not open drain outputs. On slaves the BUSY asserted internally inhibits write. 2. "L" if the inputs to the opposite port were stable prior to the address and enable inputs of this port. "H" if the inputs to the opposite port became stable after the address and enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs cannot be LOW simultaneously. 3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored when BUSYR outputs are driving LOW regardless of actual logic level on the pin.
Truth Table V Example of Semaphore Procurement Sequence(1,2,3)
Functions No Action Left Port Writes "0" to Semaphore Right Port Writes "0" to Semaphore Left Port Writes "1" to Semaphore Left Port Writes "0" to Semaphore Right Port Writes "1" to Semaphore Left Port Writes "1" to Semaphore Right Port Writes "0" to Semaphore Right Port Writes "1" to Semaphore Left Port Writes "0" to Semaphore Left Port Writes "1" to Semaphore D0 - D17 Left 1 0 0 1 1 0 1 1 1 0 1 D0 - D17 Right 1 1 1 0 0 1 1 0 1 1 1 Semaphore free Left port has semaphore token No change. Right side has no write access to semaphore Right port obtains semaphore token No change. Left port has no write access to semaphore Left port obtains semaphore token Semaphore free Right port has semaphore token Semaphore free Left port has semaphore token Semaphore free
4089 tbl 18
Status
NOTES: 1. This table denotes a sequence of events for only one of the eight semaphores on the IDT7034. 2. There are eight semaphore flags written to via I/O0 and read from all I/0's. These eight semaphores are addressed by A0 - A2. 3. CE = VIH, SEM = VIL to access the semaphores. Refer to the semaphore Read/Write Control Truth Table.
The IDT7034 provides two ports with separate control, address and I/O pins that permit independent access for reads or writes to any location in memory. The IDT7034 has an automatic power down feature controlled by CE. The CE controls on-chip power down circuitry that permits the respective port to go into a standby mode when not selected (CE HIGH). When a port is enabled, access to the entire memory array is permitted.
FUNCTIONAL DESCRIPTION
If the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. The left port interrupt
INTERRUPTS
flag (INTL) is asserted when the right port writes to memory location FFE (HEX), where a write is defined as the CER = R/WR = VIL per Truth Table III. The left port clears the interrupt by an address location FFE access when CEL = OEL = VIL, R/WL is a "don't care". Likewise, the right port interrupt flag (INTR) is asserted when the left port writes to memory location FFF (HEX) and to clear the interrupt flag (INTR), the right port must access the memory location FFF. The message (18 bits) at FFE or FFF is user-defined, since it is an addressable SRAM location. If the interrupt function is not used, address locations FFE and FFF are not used as mail boxes, but as part of the random access memory. Refer to Table III for the interrupt operation.
15 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DECODER
BUSY (R)
4089 drw 17
Busy Logic provides a hardware indication that both ports of the RAM have accessed the same location at the same time. It also allows one of the two accesses to proceed and signals the other side that the RAM is busy. The BUSY pin can then be used to stall the access until the operation on the other side is completed. If a write operation has been attempted from the side that receives a BUSY indication, the write signal is gated internally to prevent the write from proceeding. The use of BUSY logic is not required or desirable for all applications. In some cases it may be useful to logically OR the BUSY outputs together and use any BUSY indication as an interrupt source to flag the event of an illegal or illogical operation. If the write inhibit function of BUSY logic is not desirable, the BUSY logic can be disabled by placing the part in slave mode with the M/S pin. Once in slave mode the BUSY pin operates solely as a write inhibit input pin. Normal operation can be programmed by tying the BUSY pins HIGH. If desired, unintended write operations can be prevented to a port by tying the BUSY pin for that port LOW. The BUSY outputs on the IDT7034 RAM in master mode, are pushpull type outputs and do not require pull up resistors to operate. If these RAMs are being expanded in depth, then the BUSY indication for the resulting array requires the use of an external AND gate.
BUSY LOGIC
CE MASTER Dual Port RAM BUSY (L) BUSY (R)
CE SLAVE Dual Port RAM BUSY (L) BUSY (R)
BUSY (L)
MASTER CE Dual Port RAM BUSY (L) BUSY (R)
SLAVE CE Dual Port RAM BUSY (L) BUSY (R)
Figure 3. Busy and chip enable routing for both width and depth expansion with IDT7034 RAMs.
When expanding an IDT7034 RAM array in width while using BUSY logic, one master part is used to decide which side of the RAM array will receive a BUSY indication, and to output that indication. Any number of slaves to be addressed in the same address range as the master, use the BUSY signal as a write inhibit signal. Thus on the IDT7034 RAM the BUSY pin is an output if the part is used as a master (M/S pin = VIH), and the BUSY pin is an input if the part used as a slave (M/S pin = VIL) as shown in Figure 3. If two or more master parts were used when expanding in width, a split decision could result with one master indicating BUSY on one side of the array and another master indicating BUSY on one other side of the array. This would inhibit the write operations from one port for part of a word and inhibit the write operations from the other port for the other part of the word. The BUSY arbitration, on a master, is based on the chip enable and address signals only. It ignores whether an access is a read or write. In a master/slave array, both address and chip enable must be valid long enough for a BUSY flag to be output from the master before the actual write pulse can be initiated with either the R/W signal or the byte enables. Failure to observe this timing can result in a glitched internal write inhibit signal and corrupted data in the slave.
WIDTH EXPANSION WITH BUSY LOGIC MASTER/SLAVE ARRAYS
other from accessing a portion of the Dual-Port RAM or any other shared resource. The Dual-Port RAM features a fast access time, and both ports are completely independent of each other. This means that the activity on the left port in no way slows the access time of the right port. Both ports are identical in function to standard CMOS Static RAM and can be read from, or written to, at the same time with the only possible conflict arising from the simultaneous writing of, or a simultaneous READ/ WRITE of, a non-semaphore location. Semaphores are protected against such ambiguous situations and may be used by the system program to avoid any conflicts in the non-semaphore portion of the Dual-Port RAM. These devices have an automatic power-down feature controlled by CE, the Dual-Port RAM enable, and SEM, the semaphore enable. The CE and SEM pins control on-chip power down circuitry that permits the respective port to go into standby mode when not selected. This is the condition which is shown in Truth Table I where CE and SEM are both HIGH. Systems which can best use the IDT7034 contain multiple processors or controllers and are typically very high-speed systems which are software controlled or software intensive. These systems can benefit from a performance increase offered by the IDT7034's hardware semaphores, which provide a lockout mechanism without requiring complex programming. Software handshaking between processors offers the maximum in system flexibility by permitting shared resources to be allocated in varying configurations. The IDT7034 does not use its semaphore flags to control any resources through hardware, thus allowing the system designer total flexibility in system architecture. An advantage of using semaphores rather than the more common methods of hardware arbitration is that wait states are never incurred in either processor. This can prove to be a major advantage in very high-speed systems.
The IDT7034 is an extremely fast Dual-Port 4K x 18 CMOS Static RAM with an additional 8 address locations dedicated to binary semaphore flags. These flags allow either processor on the left or right side of the Dual-Port RAM to claim a privilege over the other processor for functions defined by the system designers software. As an example, the semaphore can be used by one processor to inhibit the
SEMAPHORES
The semaphore logic is a set of eight latches which are independent of the Dual-Port RAM. These latches can be used to pass a flag, or token, from one port to the other to indicate that a shared resource is in use. The semaphores provide a hardware assist for a use assignment method called Token Passing Allocation. In this method,
HOW THE SEMAPHORE FLAGS WORK
16
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
the state of a semaphore latch is used as a token indicating that shared resource is in use. If the left processor wants to use this resource, it requests the token by setting the latch. This processor then verifies its success in setting the latch by reading it. If it was successful, it proceeds to assume control over the shared resource. If it was not successful in setting the latch, it determines that the right side processor has set the latch first, has the token and is using the shared resource. The left processor can then either repeatedly request that semaphores status or remove its request for that semaphore to perform another task and occasionally attempt again to gain control of the token via the set and test sequence. Once the right side has relinquished the token, the left side should succeed in gaining control. The semaphore flags are active LOW. A token is requested by writing a zero into a semaphore latch and is released when the same side writes a one to that latch. The eight semaphore flags reside within the IDT7034 in a separate memory space from the Dual-Port RAM. This address space is accessed by placing a LOW input on the SEM pin (which acts as a chip select for the semaphore flags) and using the other control pins (Address, OE, and R/W) as they would be used in accessing a standard Static RAM. Each of the flags has a unique address which can be accessed by either side through address pins A0 A2. When accessing the semaphores, none of the other address pins has any effect. When writing to a semaphore, only data pin D0 is used. If a LOW level is written into an unused semaphore location, that flag will be set to a zero on that side and a one on the other side (see Table V). That semaphore can now only be modified by the side showing the zero. When a one is written into the same location from the same side, the flag will be set to a one for both sides (unless a semaphore request from the other side is pending) and then can be written to by both sides. The fact that the side which is able to write a zero into a semaphore subsequently locks out writes from the other side is what makes semaphore flags useful in interprocessor communications. (A thorough discussion on the use of this feature follows shortly.) A zero written into the same location from the other side will be stored in the semaphore request latch for that side until the semaphore is freed by the first side. When a semaphore flag is read, its value is spread into all data bits so that a flag that is a one reads as a one in all data bits and a flag containing a zero reads as all zeros. The read value is latched into one sides output register when that side's semaphore select (SEM) and output enable (OE) signals go active. This serves to disallow the semaphore from changing state in the middle of a read cycle due to a write cycle from the other side. Because of this latch, a repeated read of a semaphore in a test loop must cause either signal (SEM or OE) to go inactive or the output will never change. A sequence WRITE/READ must be used by the semaphore in order to guarantee that no system level contention will occur. A processor requests access to shared resources by attempting to write a zero into a semaphore location. If the semaphore is already in use, the semaphore request latch will contain a zero, yet the semaphore flag will appear as one, a fact which the processor will verify by the subsequent read (see Table V). As an example, assume a processor writes a zero to the left port at a free semaphore location. On a
subsequent read, the processor will verify that it has written successfully to that location and will assume control over the resource in question. Meanwhile, if a processor on the right side attempts to write a zero to the same semaphore flag it will fail, as will be verified by the fact that a one will be read from that semaphore on the right side during subsequent read. Had a sequence of READ/WRITE been used instead, system contention problems could have occurred during the gap between the read and write cycles. It is important to note that a failed semaphore request must be followed by either repeated reads or by writing a one into the same location. The reason for this is easily understood by looking at the simple logic diagram of the semaphore flag in Figure 4. Two semaphore request latches feed into a semaphore flag. Whichever latch is first to present a zero to the semaphore flag will force its side of the semaphore flag LOW and the other side HIGH. This condition will continue until a one is written to the same semaphore request latch. Should the other sides semaphore request latch have been written to a zero in the meantime, the semaphore flag will flip over to the other side as soon as a one is written into the first sides request latch. The second sides flag will now stay LOW until its semaphore request latch is written to a one. From this it is easy to understand that, if a semaphore is requested and the processor which requested it no longer needs the resource, the entire system can hang up until a one is written into that semaphore request latch. The critical case of semaphore timing is when both sides request a single token by attempting to write a zero into it at the same time. The semaphore logic is specially designed to resolve this problem. If simultaneous requests are made, the logic guarantees that only one side receives the token. If one side is earlier than the other in making the request, the first side to make the request will receive the token. If both requests arrive at the same time, the assignment will be arbitrarily made to one port or the other. One caution that should be noted when using semaphores is that semaphores alone do not guarantee that access to a resource is secure. As with any powerful programming technique, if semaphores are misused or misinterpreted, a software error can easily happen. Initialization of the semaphores is not automatic and must be handled via the initialization program at power-up. Since any semaphore request flag which contains a zero must be reset to a one, all semaphores on both sides should have a one written into them at initialization from both sides to assure that they will be free when needed. Perhaps the simplest application of semaphores is their application as resource markers for the IDT7034s Dual-Port RAM. Say the 4K x 18 RAM was to be divided into two 2K x 18 blocks which were to be dedicated at any one time to servicing either the left or right port. Semaphore 0 could be used to indicate the side which would control the lower section of memory, and Semaphore 1 could be defined as the indicator for the upper section of memory. To take a resource, in this example the lower 2K of Dual-Port RAM, the processor on the left port could write and then read a zero in to Semaphore 0. If this task was successfully completed (a zero was read back rather than a one), the left processor would assume control of the
USING SEMAPHORESSOME EXAMPLES
17 6.42
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
lower 2K. Meanwhile the right processor was attempting to gain control of the resource after the left processor, it would read back a one in response to the zero it had attempted to write into Semaphore 0. At this point, the software could choose to try and gain control of the second 2K section by writing, then reading a zero into Semaphore 1. If it succeeded in gaining control, it would lock out the left side. Once the left side was finished with its task, it would write a one to Semaphore 0 and may then try to gain access to Semaphore 1. If Semaphore 1 was still occupied by the right side, the left side could undo its semaphore request and perform other tasks until it was able to write, then read a zero into Semaphore 1. If the right processor performs a similar task with Semaphore 0, this protocol would allow the two processors to swap 2K blocks of Dual-Port RAM with each other. The blocks do not have to be any particular size and can even be variable, depending upon the complexity of the software using the semaphore flags. All eight semaphores could be used to divide the Dual-Port RAM or other shared resources into eight parts. Semaphores can even be assigned different meanings on different sides rather than being given a common meaning as was shown in the example above. Semaphores are a useful form of arbitration in systems like disk interfaces where the CPU must be locked out of a section of memory
during a transfer and the I/O device cannot tolerate any wait states. With the use of semaphores, once the two devices has determined which memory area was off-limits to the CPU, both the CPU and the I/O devices could access their assigned portions of memory continuously without any wait states. Semaphores are also useful in applications where no memory WAIT state is available on one or both sides. Once a semaphore handshake has been performed, both processors can access their assigned RAM segments at full speed. Another application is in the area of complex data structures. In this case, block arbitration is very important. For this application one processor may be responsible for building and updating a data structure. The other processor then reads and interprets that data structure. If the interpreting processor reads an incomplete data structure, a major error condition may exist. Therefore, some sort of arbitration must be used between the two different processors. The building processor arbitrates for the block, locks it and then is able to go in and update the data structure. When the update is completed, the data structure block is released. This allows the interpreting processor to come back and read the complete data structure, thereby guaranteeing a consistent data structure.
L PORT SEMAPHORE REQUEST FLIP FLOP D0 WRITE
D Q
R PORT SEMAPHORE REQUEST FLIP FLOP
Q D
D0 WRITE
SEMAPHORE READ
SEMAPHORE READ
Figure 4. IDT7034 Semaphore Logic
4089 drw 18
.
18
IDT7034S/L High-Speed 4K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Ordering Information
IDT XXXXX Device Type A Power 999 Speed A Package A Process/ Temperature Range Blank I(1) Commercial (0C to +70C) Industrial (-40C to + 85C)
PF
100-pin TQFP (PN100-1)
15 20
Commercial Only Commercial Only
Speed in nanoseconds
S L 7034
Standard Power Low Power 72K (4K x 18) Dual-Port RAM
4089 drw 19
NOTE: 1. Industrial temperature range is available. For specific speeds, packages and powers contact your sales office.
Datasheet Document History
12/3/98: Initiated datasheet document history Converted to new format Cosmetic typographical corrections Added additional notes to pin configurations Page 9 Fixed typographical error Changed drawing format Page 1 Corrected DSC number Removed Preliminary
5/19/99: 6/3/99: 9/1/99:
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
19 6.42
for Tech Support: 831-754-4613 DualPortHelp@idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


▲Up To Search▲   

 
Price & Availability of IDT7034L15PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X